PART |
Description |
Maker |
AQ297GY-M5-AJ-TR AQ297GY-M5-AJ-TRL |
3oC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package 3ìC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
|
Acutechnology Semiconductor
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
MAX6627 MAX6627MKA-T MAX6628MKA-T MAX6628 |
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote 【1∑C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote ?à1??C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote 1C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SK1974 2SK1976 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 5A条(丁)|20VAR
|
Hitachi,Ltd.
|
TL431K-89 |
Adjustable Accurate Reference Source
|
Guangdong Kexin Industr...
|